Part Number Hot Search : 
VSH52022 STA300 SM8J48 CK1030 1N2111 KDV1430B BSS414 Q100I
Product Description
Full Text Search
 

To Download SF8L60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SF8L60 600v 8a copyright & copy;2000 shindengen electric mfg.co.ltd outline dimensions (unit : mm) ratings shindengen case : fto-220 ?? high voltage ?? trr70ns ?? fully isolated molding ?? dielectric strength 2kv guaranteed features application ?? pfc ?? switching power supply ?? free wheel ?? ctv+b output, lighting ??absolute maximum ratings (if not specified tc=25??) item symbol conditions ratings unit storage temperature tstg -55?`150 ?? operating junction temperature tj 150 ?? maximum reverse voltage v rm 600 v average rectified forward current i o 50hz sine wave, r-load, tc=118?? 8 a peak surge forward current i fsm 50hz sine wave, non-repetitive 1 cycle peak value, tj=25?? 170 a dielectric strength vdis terminals to case, ac 1 minute 2 kv mounting torque tor (recommended torque?f0.3nm) 0.5 nm ??electrical characteristics (if not specified tc=25??) item symbol conditions ratings unit forward voltage v f i f =8a, pulse measurement max.1.5 v reverse current i r v r =v rm, pulse measurement max.25 ?a reverse recovery time trr i f =0.5a,?@ i r =1a max.70 ns thermal resistance ??jc junction to case max.2.5 ??/w super fast recovery rectifiers single
forward voltage 0.1 1 10 0 0.4 0.8 1.2 1.6 2 2.4 2.8 SF8L60 tc=150 c [max] tc=25 c [max] pulse measurement per diode tc=150 c [typ] tc=25 c [typ] forward voltage v f [v] forward current i f [a]
0 t p i o t d=t p /t 0 5 10 15 20 0 2 4 6 8 10 12 14 16 SF8L60 0.3 forward power dissipation tj = tjmax sin 0.2 0.1 d=0.8 dc 0.5 0.05 average rectified forward current i o [a] forward power dissipation p f [w]
0 t p i o t d=t p /t 0 2 4 6 8 10 12 14 16 0 20 40 60 80 100 120 140 160 SF8L60 0.3 derating curve v r = v rm sin 0.2 0.1 d=0.8 dc 0.5 0.05 0 v r case temperature tc [ c] average rectified forward current i o [a]
peak surge forward capability 0 50 100 150 200 250 300 350 1 10 100 SF8L60 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=25 c before surge current is applied
100 1000 SF8L60 1 10 100 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 junction capacitance reverse voltage v r [v] junction capacitance cj [pf] f=1mhz tc=25 c typ per diode


▲Up To Search▲   

 
Price & Availability of SF8L60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X